PART |
Description |
Maker |
MURB1620CT-1 MURB1620CT MUR1620CT |
200V 16A HEXFRED Common Cathode Diode in a TO-262 package Ultrafast Rectifier
|
International Rectifier
|
1N6770 1N6770R 1N6771 1N6769R 1N6768R |
150V , 16A, Dual, Common Cathode Center-Tap Ultra-Fast Rectifiers(150V , 16A,共阴极中心抽头,超快恢复双整流器) 150V , 16A, Dual, Common Anode Center-Tap Ultra-Fast Rectifiers(150V , 16A,共阳极中心抽头,超快恢复双整流器) 200V , 16A, Dual, Common Cathode Center-Tap Ultra-Fast Rectifiers(200V , 16A,共阴极中心抽头,超快恢复双整流器) 100V , 16A, Dual, Common Anode Center-Tap Ultra-Fast Rectifiers(100V , 16A,共阳极中心抽头,超快恢复双整流器) 100V , 16A, Dual, Common Cathode Center-Tap Ultra-Fast Rectifiers(100V , 16A,共阴极中心抽头,超快恢复双整流器) 50V , 16A, Dual, Common Anode Center-Tap Ultra-Fast Rectifiers(50V , 16A,共阳极中心抽头,超快恢复双整流器)
|
Omnirel
|
SBA160-04R |
Schottky Barrier Diode (Twin Type Cathode Common) 40V, 16A Rectifier 2SS52M Series Omnipolar Magnetoresistive Sensor; radial lead IC package 40V/ 16A Rectifier
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
16SCYQ045CSCS |
16A 45V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package
|
International Rectifier
|
SBR160-10J |
Schottky Barrier Diode (Twin Type 隆陇 Cathode Common) 100V, 16A Rectifier Schottky Barrier Diode (Twin Type ・ Cathode Common) 100V, 16A Rectifier
|
Sanyo Semicon Device
|
SB160-05R |
50V, 16A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
JV1N7047CCT3 |
16A 150V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package DLA Number 1N7047CCT3
|
International Rectifier
|
OMXXXXSM OM5221SM OM5222SM OM5223SM OM5224SM OMXXX |
200V 20A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package 150V 20A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package 100V 20A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package Hermetic Surface Mount Package, 20 Amp, 50 To 200 Volts, 35 ns trr
|
IRF[International Rectifier]
|
OM5256SM OM5255SM OM5250SM OM5251SM OM5252SM OM525 |
300V 12A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package 100V 12A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package ISOLATED SURFACE MOUNT HIGH EFFICIENCY CENTER-TAP RECTIFIER 200V 12A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package 6 A, SILICON, RECTIFIER DIODE
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
OM5226SA_RA_DA OM5223SA_RA_DA OM5222XX OM5226SA/RA |
200V 24A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-254AA package 200V 24A Hi-Rel Ultra-Fast Common Cathode Diode in a D3 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 100V的第24A高可靠性超快速共阴极二极D3的包 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V 24A Hi-Rel Ultra-Fast Common Cathode Diode in a D3 package HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
|
International Rectifier Panduit, Corp. List of Unclassifed Manufacturers List of Unclassifed Man...
|
HFB50HI20C |
200V 50A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-259AA package 2000A条高可靠性超快速共阴极二极管采用TO - 259AA封装
|
International Rectifier, Corp.
|
NTE3056 NTE3057 NTE3058 NTE3060 NTE3059 |
0.3 Single Digit Numeric Display / Seven Segment / Common Cathode 0.3?/a> Single Digit Numeric Display, Seven Segment, Common Cathode 0.3 Single Digit Numeric Display Seven Segment Common Cathode 0.3” Single Digit Numeric Display, Seven Segment, Common Cathode 0.3 Single Digit Numeric Display, Seven Segment, Common Cathode 0.3单位数字显示,七段,共阴 0.3Single Digit Numeric Display, Seven Segment, Common Cathode 0.3“单数字的显示,七段,共阴极 7 SEG NUMERIC DISPLAY, RED, 7.62 mm 0.3??Single Digit Numeric Display, Seven Segment, Common Cathode
|
NTE[NTE Electronics] NTE Electronics, Inc.
|